technical data sheet 1 / 2 straight plug crimp type r161a.088.000 for cable 11/50d series : eco n 50 issue : 0914 a in the effort to improve our products, we reserve t he right to make changes judged to be necessary. all dimensions are in mm. . . pn an components body center contact outer contact insulator gasket others parts - - materials brass brass brass ptfe silicone rubber brass - - plating ( m) bbr gold bbr bbr - -
technical data sheet 2 / 2 straight plug crimp type r161a.088.000 for cable 11/50d series : eco n 50 issue : 0914 a in the effort to improve our products, we reserve t he right to make changes judged to be necessary. packaging standard unit other 50 w option contact us electrical characteristics impedance 50 frequency 0 - 6 ghz vswr 1.25 + 0.0000 x f(ghz) maxi insertion loss 0.1 f(ghz) db maxi rf leakage - ( na - f(ghz)) db maxi voltage rating 1400 veff maxi dielectric withstanding voltage 2500 veff mini insulation resistance 5000 m mini mechanical characteristics center contact retention axial force C mating end 68 n mini axial force C opposite end 68 n mini torque na n.cm mini recommended torque mating 130 n.cm panel nut na n.cm clamp nut na n.cm a/f clamp nut 0.0000 mm mating life 100 cycles mini weight 28.7000 g environmental ope rating temperature - 40/+85 c hermetic seal na atm.cm3/s panel leakage na specification cable assembly stripping a b c d e f mm 5.80 10.0 16.8 0.00 11.0 0.00 assembly instruction : crimp 01 recommended cable(s) rg 214 kx 13 characteristics indicated on this data sheet are th ose that can be achieved with the highest performance cable. intrin sic limitations of the cable may diminish the performance of the assem bly cable retention - pull off 400 n mini - torque na n.cm tooling part number description hexagon . . . r282.231.000 crimping tool 10.54 r282.235.116 crimping dies 10.54 r282.293.000 crimping tool m22520/5-01 other characteristics -
|